PART |
Description |
Maker |
BA78M24CP BA78M24CP-E2 BA7824CP-E2 BA78M07FP BA780 |
500mA Output 78 series Regulators Insert type 1A Output 78 series Regulators Insert type 500mA Output 78 series Regulators Surface mount type 1A Output 78 series Regulators Surface mount type
|
ROHM
|
BD18GC0WEFJ BD15GC0WEFJ BD18GC0WEFJ-E2 BD25GC0WEFJ |
1A Fixed Output LDO Regulators 1A Variable Output LDO Regulators
|
ROHM
|
2SB963 2SB963-Z 2SB963-ZK 2SB963-ZM 2SB963-ZL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS BJT Preset/Adjustable Output CMOS Inverting Switching Regulators PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3
|
NEC Corp. NEC[NEC]
|
BD33IA5WEFJ BD00IA5WEFJ-E2 BD12IA5WEFJ-E2 BD18IA5W |
500mA Fixed Output LDO Regulators 500mA Variable Output LDO Regulators
|
ROHM
|
BA15DD0T BA15DD0WHFP-TR BA25DD0WHFP BA18DD0WHFP BA |
2A/1A Fixed Output LDO Regulators 2A/1A Fixed Output LDO Regulators with Shutdown Switch
|
ROHM
|
BA3258HFP BA3258HFP09 |
Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
|
Rohm
|
PQ070VK01FZH PQ070VK02FZH |
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
|
Sharp Electrionic Components
|
5962R9668102VJC 5962R9668101VJC 5962R9668101VXC 59 |
5V Fixed/Adjustable Output, Step-Up Switching Regulators 4-To-16-Line Demultiplexer 46线复用器 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 双通道高效率,低噪声,同步降压型开关稳压器
|
Intersil, Corp. 3M Company
|
TA79010SB TA79012SB TA79009SB |
Output Current of 1A, Three-Terminal Negative Voltage Regulators -10V Output Current of 1A, Three-Terminal Negative Voltage Regulators -12V Output Current of 1A, Three-Terminal Negative Voltage Regulators -9V
|
TOSHIBA
|
74FR25900SSC 74FR25900 74FR25900SSCX |
20 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor FR/FASTR SERIES, MULTIPLEXER, PDSO48 From old datasheet system 9-Bit, 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit, 3-Port Latchable Datapath Multiplexer with 25-Ohm Output Series Resistors 9-Bit / 3-Port Latchable Datapath Multiplexer with 25W Output Series Resistors 9-Bit 3-Port Latchable Datapath Multiplexer with 25 Ohm Output Series Resistors
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ASM5I9774AG-52-ET ASM5I9774A ASM5I9774A-52-ER ASM5 |
Octal D-Type Flip-Flops With Clear 20-TSSOP -40 to 85 9774 SERIES, PLL BASED CLOCK DRIVER, 14 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52 2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer 9774 SERIES, PLL BASED CLOCK DRIVER, 14 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP52
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|